PART |
Description |
Maker |
R2A-500D1V2 |
500W 500W 2/3U Redundant Power Supply.
|
List of Unclassifed Man...
|
SA12A-T SA20CA-T SA10CA-T SA15CA-T SA7V0CA |
TVS UNI-DIR 12V 500W DO-15 500 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-15 TVS BI-DIR 20V 500W DO-15 500 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-15 TVS BI-DIR 10V 500W DO-15 500 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-15 TVS BI-DIR 15V 500W DO-15 500 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-15 500W TRANSIENT VOLTAGE SUPPRESSOR
|
Diodes, Inc. Diodes Incorporated
|
SA43A-TP SA6.0A-TP SA150CA-TP SA8.0A-TP SCA45CA SA |
500WATTS TRANSIENT VOLTAGE SUPPRESSOR 5.0 TO 170 VOLTS TVS 500W 20V BIDIRECT DO-15 500 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-15 TVS 500W 10V BIDIRECT DO-15 500 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-15 TVS 500W 20V UNIDIRECT DO-15 500 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-15 TVS 500W 6.5V UNIDIRECT DO-15 500 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-15 TVS 500W 5.0V UNIDIRECT DO-15 500 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-15 TVS 500W 6.0V BIDIRECT DO-15
|
http:// Micro Commercial Components, Corp. Micro Commercial Compon...
|
ETMA480521U |
MEDICAL AC-DC POWER SUPPLY full medical safety approvals
|
CUI INC
|
PSRL0402DM PSRL0402DMX-0312 PSRL0402DMX-0324 PSRL0 |
400 Watt with Airflow Dual Output Medical Approved AC/DC Medical Power Supply with Active PFC
|
http:// Wall Industries,Inc.
|
1N6110 1N6111 1N6116 1N6102 1N6104 1N6137 1N6103 1 |
HC-B 10-SD-FQ/FS Axialleaded Hermetically Sealed,500W Bi-Polarity Transient Voltage Suppressor(轴向引脚,密500W,最大钳位电1.9V,双极瞬变电压抑制 Axialleaded Hermetically Sealed,500W Bi-Polarity Transient Voltage Suppressor(轴向引脚,密500W,最大钳位电4.8V,双极瞬变电压抑制 Axialleaded Hermetically Sealed,500W Bi-Polarity Transient Voltage Suppressor(轴向引脚,密500W,最大钳位电3.5V,双极瞬变电压抑制 Axialleaded Hermetically Sealed,500W Bi-Polarity Transient Voltage Suppressor(轴向引脚,密500W,最大钳位电9V,双极瞬变电压抑制 500W BI-POLARITY TRANSIENT VOLTAGE SUPPRESSORS 500瓦双极性瞬态电压抑制器
|
SEMTECH[Semtech Corporation] Semtech, Corp.
|
PF500A-360 PF1000A PF1000A-360 |
PFHC module 500W, 1000W PFHC module 500W/ 1000W KPT SERIES
|
LAMBDA[DENSEI-LAMBDA]
|
IRF100 IRF400 IRF250 IRF150 IRF200 IRN50S IRN100 I |
GT 3C 3#16S PIN PLUG 50W to 500W High Power Wire Wound Resistirs Flat Shaped Aluminum Housed (IRF150 - IRF500) 50W to 500W HIGH POWER WIRE WOUND RESISTORS FLAT SHAPED ALUMINUM HOUSED
|
Nikkohm Electronic Theatre Controls, Inc. List of Unclassifed Manufacturers N.A. ETC[ETC]
|
PR500-280 PR500 |
Rectifier module 500W
|
LAMBDA[DENSEI-LAMBDA]
|
8951370000 |
CP M SNT 500W 24V 20A
|
Weidmuller
|
SA45A |
500W TRANSIENT VOLTAGE SUPPRESSOR
|
Diodes Incorporated
|
|